PART |
Description |
Maker |
PUMB2 PEMB2-PUMB2-15 |
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. PNP/PNP resistor-equipped transistors R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA114YEF PDTA114YT PDTA114YM |
PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=10千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PDTA143TEF PDTA143TE PDTA143T PDTA143TK PDTA143TM |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = open
|
NXP Semiconductors
|
PDTA114TU PDTA114TS PDTA114TE PDTA114TT PDTA114TU1 |
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = open PNP配电阻型晶体管;R1=10千欧姆,R2=开
|
NXP Semiconductors N.V.
|
PUMB17 PEMB17 |
PEMB17; PUMB17; PNP/PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm PNP/PNP resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMD3 PEMD3_2 |
NPN/PNP RESISTOR-EQUIPPED TRANSISTORS; R1 = 10 KOHM, R2 = 10 KOHM From old datasheet system NPN/PNP resistor-equipped transistors; R1 = 10 kohm R2 = 10 kohm NPN/PNP resistor-equipped transistors; R1 = 10 kohm/ R2 = 10 kohm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PEMB19 PUMB19 PEMB19-PUMB19-15 |
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open
|
NXP Semiconductors
|
PDTA123JMB |
PNP resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
|
NXP Semiconductors
|
PDTA144EEF PDTA144 |
PNP resistor-equipped transistor
|
PHILIPS[Philips Semiconductors]
|